Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS495D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS495D
Description  0.4 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS495D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS495D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS495D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS495D
VOLTAGE 40V
SC-59 Types
0.4 Amp Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES ( Ta = 25
)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
100
∝
1m
10m
100m
1
FORWARD VOLTAGE : VF (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Fig.1 Forward characteristics
0
10
100
1m
10m
100m
10
20
30
40
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR
(V)
Fig.3 Capacitance between
terminals characteristics
01-Jun-2002 Rev. A
Page 2 of 2
1
∝
Ta
=125°C
75
°C
25
°C
0°C
Fig.2 Reverse characteristics
0
10
20
30
100
10
1
5
152535



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com