Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS521S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS521S
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS521S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS521S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS521S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1µ
10µ
100µ
1m
10m
100m
1
FORWARD VOLTAGE : VF (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
010
20
30
Ta=125°C
75°C
25°C
-25°C
Figure 1. Forward characteristics
10n
100n
1
10
100
1m
10m
REVERSE VOLTAGE : VR (V)
Figure 2. Reverse characteristics
0
2468
10
12
14
1
2
5
10
20
50
100
f=1MHz
Ta=25 C
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (°C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)
°
m
m
m
SCS521S
Schottky Barrier Diode
Any changing of specification will not be informed individual
Electrical characteristic curves (Ta=25 C)
01-Jul-2009 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com