Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDL03C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDL03C
Description  350W Plastic Encapsulate ESD Protection Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDL03C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDL03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDL03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDL03C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SDL03~SDL24C
Voltage 3V ~ 24V
350W Plastic Encapsulate ESD Protection Diodes
08-Mar-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
FEATURES
61000-4-2(ESD):Air-15KV, Contact-8KV
Unidirectional & Birectional Configurations
Replacement for MLV (0805)
Protects One Power or I/O Port
Low Clamping Voltage
Ultra Low Capacitance:3pF Maximum
MECHANICAL DATA
Case:SOD-323, Molded plastic over passivated junction
Terminals:Solderable per MIL-STD-750, Method 2026
Approx. Weight:0.0041 grams
Mounting Position:Any
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-323L
5K
7’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified )
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20
µs)-See Figure 1
Ppp
350
W
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-323L
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.30
2.70
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.00
F
0.05
0.25


Similar Part No. - SDL03C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDL03C SECOS-SDL03C Datasheet
272Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - SDL03C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36 Datasheet
332Kb / 2P
350W Plastic Encapsulate ESD Protection Diodes
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SD36L SECOS-SD36L Datasheet
318Kb / 2P
350W Plastic Encapsulate ESD Protection Diodes
SD36L SECOS-SD36L_15 Datasheet
318Kb / 2P
350W Plastic Encapsulate ESD Protection Diodes
SDL03 SECOS-SDL03_15 Datasheet
265Kb / 3P
350W Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com