Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR560SF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDR560SF
Description  5.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDR560SF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDR560SF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDR560SF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SDR560SF
VOLTAGE 60V
5.0 AMP Schottky Barrier Rectifiers
22-Oct-2009 Rev. E
Page 1 of 2

Cathode

Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
PACKAGING INFORMATION
Polarity: as marked.
Case: molded plastic
Epoxy: UL94-V0 rate flame retardant
Lead: lead solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 1.7 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETERS
SYMBOL
SDR560SF
UNITS
TESTING CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
60
V
RMS Voltage (Max.)
VRSM
60
V
Reverse Voltage (Max.)
VDC
60
V
Forward Rectified Current (Max.)
IF
5
A
Peak Forward Surge Current
IFSM
140
A
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
0.65
V
(IF = 5 Amps, TA = 25°C )
Maximum Instantaneous Forward Voltage
VF
0.55
V
(IF = 5 Amps, TA = 125°C)
0.2
TA=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
10
mA
TA=125°C
Typical Thermal Resistance
RJA
78
°C/W
Junction to Ambient
Typical Junction Capacitance
CJ
350
pF
Measured at 1MHz and applied
reverse voltage of 5.0V D.C.
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V / us
Operating and Storage Temperature Range
TJ, TSTG
-50 ~ +150, -65 ~ 175
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.80
8.20
H
1.80
2.20
B
3.00
3.40
J
0.40
0.60
C
10.75
11.25
K
0.65
0.85
D
14.90
15.10
L
1.80
2.54
E
-
-
M
3.25 REF.
F
3.95
4.25
N
3.00
3.3
G
2.18
2.38
O
3.05 REF.
TO-126AF
O
M
C
D
B
A
E
N
F
L
G
K
J
H


Similar Part No. - SDR560SF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560SF SECOS-SDR560SF Datasheet
375Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SDR560SF SECOS-SDR560SF_15 Datasheet
57Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
More results

Similar Description - SDR560SF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com