Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRF157FL Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF157FL
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF157FL Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF157FL Datasheet HTML 1Page - Microsemi Corporation VRF157FL Datasheet HTML 2Page - Microsemi Corporation VRF157FL Datasheet HTML 3Page - Microsemi Corporation VRF157FL Datasheet HTML 4Page - Microsemi Corporation VRF157FL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
10-5
10-4
10-3
10-2
0.1
1
10
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
200
400
600
800
1000
1200
0
5
10
15
20
0
200
400
600
800
1000
1200
0
10
20
30
40
50
60
70
80
P
out, INPUT POWER (WATTS PEP)
Figure 6. P
OUT versus PIN
P
out, INPUT POWER (WATTS PEP)
Figure 7. P
OUT versus PIN
50V
40V
Freq=30MHz
Freq=65MHz
50V
40V
0.3
D = 0.9
0.7
SINGLE PULSE
0.5
0.1
0.05
Typical Performance Curves
VRF157FL(MP)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com