Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP7805AR Datasheet(PDF) 1 Page - Seme LAB

Part # IP7805AR
Description  1 AMP POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7805AR Datasheet(HTML) 1 Page - Seme LAB

  IP7805AR Datasheet HTML 1Page - Seme LAB IP7805AR Datasheet HTML 2Page - Seme LAB IP7805AR Datasheet HTML 3Page - Seme LAB IP7805AR Datasheet HTML 4Page - Seme LAB IP7805AR Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
K Package – TO–3
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
R Package – TO–66
12
3
3
12
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground*
G Package – TO–257
IG Package– TO–257*
* isolated Case on IG package
1 23
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
SMD 1 PACKAGE
Ceramic Surface Mount
!
1 AMP
POSITIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT CURRENT UP TO 1.0A
• OUTPUT VOLTAGES OF 5, 12, 15V
• 0.01% / V LINE REGULATION
• 0.3% / A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE (–A VERSIONS)
VI
DC Input Voltage
(for VO = 5, 12, 15V)
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited 1
–55 to 150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Note 1. Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX
of 20W. IMAX = 1.0A.
DESCRIPTION
The IP140A / LM140 / IP7800A / IP7800 series of
3 terminal regulators is available with several fixed output
voltage making them useful in a wide range of applications.
The A suffix devices are fully specified at 1A,
provide 0.01% / V line regulation, 0.3% / A load regulation
and ±1% output voltage tolerance at room temperature.
Protection features include Safe Operating Area current
limiting and thermal shutdown.


Similar Part No. - IP7805AR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - IP7805AR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com