Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337T Datasheet(PDF) 1 Page - Seme LAB

Part # LM337T
Description  1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM337T Datasheet(HTML) 1 Page - Seme LAB

  LM337T Datasheet HTML 1Page - Seme LAB LM337T Datasheet HTML 2Page - Seme LAB LM337T Datasheet HTML 3Page - Seme LAB LM337T Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin 1 – ADJ.
Pin 2 – VOUT
Case – VIN
K Package – TO–3
Pin 1 – ADJ.
Pin 2 – VOUT
Case – VIN
R Package – TO–66
Prelim. 7/00
IP137A SERIES
IP137A SERIES
IP337A SERIES
IP337A SERIES
LM137A SERIES
LM137A SERIES
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1.5 AMP
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
IO
Output Current
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
40V
50V
Internally limited
Internally limited
See Order Information Table
-65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• OUTPUT VOLTAGE RANGE OF:
1.25 TO 40V FOR STANDARD VERSION
1.25 TO 50V FOR –HV VERSION
• 1% OUTPUT VOLTAGE TOLERANCE
• 0.3% LOAD REGULATION
• 0.01% / V LINE REGULATION
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
12
3
3
12
Pin 1 – ADJ.
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
T Package – TO–220
Pin 1 – ADJ.
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
G Package – TO–257
123
1 23
Pin 1 – ADJ.
Pin 2 – VIN
Pin 3 – VOUT
SG Package – SMD1
CERAMIC SURFACE
MOUNT
Pin 1 – ADJ.
Pin 2 – VIN
Pin 3 – VOUT
IG Package – TO–257
(Isolated)
!
1 23


Similar Part No. - LM337T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337T NSC-LM337T Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
ON Semiconductor
LM337T ONSEMI-LM337T Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Fairchild Semiconductor
LM337T FAIRCHILD-LM337T Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
ON Semiconductor
LM337T ONSEMI-LM337T Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Linear Technology
LM337T LINER-LM337T Datasheet
167Kb / 12P
Negative Adjustable Regulator
More results

Similar Description - LM337T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Solid States Devices, I...
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
-1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com