Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP323ASM-05 Datasheet(PDF) 5 Page - Seme LAB

Part # IP323ASM-05
Description  3 AMP POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP323ASM-05 Datasheet(HTML) 5 Page - Seme LAB

  IP323ASM-05 Datasheet HTML 1Page - Seme LAB IP323ASM-05 Datasheet HTML 2Page - Seme LAB IP323ASM-05 Datasheet HTML 3Page - Seme LAB IP323ASM-05 Datasheet HTML 4Page - Seme LAB IP323ASM-05 Datasheet HTML 5Page - Seme LAB IP323ASM-05 Datasheet HTML 6Page - Seme LAB IP323ASM-05 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
0
25
50
75
100
125
-50
-25
150
0.98
1.02
0.99
1.01
Tem perature (˚C )
1.00
Frequency (H z)
10
100
1k
10k
100k
1M
0.0001
0.001
0.01
0.1
1
10
C
= 0
O U T
C
= 10
µF
O U T
V
= 10V
IN
V
= 5V
O U T
I
= 1A
O U T
25
50
75
100
125
0
10
20
30
40
Am bient Temperature (˚ C)
T
AM B
θSA OF HEATSINKS
INFINITE
HEAT SINK
1.3 ˚C/W
2.4 ˚C/W
3.3 ˚ C/W
6.3 ˚C/W
10.5 ˚C/W
25
50
75
100
125
0
Am bient Temperature (˚C )
T
AM B
10
20
30
40
θSA OF HEATSINKS
INFINITE
HEAT SINK
1.3 ˚C/W
2.4 ˚C/W
3.3 ˚C/W
6.3 ˚C/W
10.5 ˚C/W
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT IMPEDANCE
OUTPUT VOLTAGE
(Normalised to 1V at TJ = 25°C)
MAXIMUM AVERAGE POWER DISSIPATION
( For IP323AK, IP323K, IP323AV, IP323V)
MAXIMUM AVERAGE POWER DISSIPATION
( For IP123AK, IP123K, IP123AG, IP123G)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com