Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP123ASM-12 Datasheet(PDF) 2 Page - Seme LAB

Part # IP123ASM-12
Description  3 AMP POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP123ASM-12 Datasheet(HTML) 2 Page - Seme LAB

  IP123ASM-12 Datasheet HTML 1Page - Seme LAB IP123ASM-12 Datasheet HTML 2Page - Seme LAB IP123ASM-12 Datasheet HTML 3Page - Seme LAB IP123ASM-12 Datasheet HTML 4Page - Seme LAB IP123ASM-12 Datasheet HTML 5Page - Seme LAB IP123ASM-12 Datasheet HTML 6Page - Seme LAB IP123ASM-12 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4.8
5
5.2
4.75
5.25
25
100
14
3.0
3.0
40
60
80
56
3
4
35
2
4
TBA
4.95
5
5.05
4.85
5.15
15
50
10
1.5
1.5
40
66
80
60
3
4
35
1.5
2.5
3
4
TBA
VO
Output Voltage
∆V
O
Line Regulation
∆V
O
Load Regulation
IQ
Quiescent Current
∆I
Q
Quiescent Current
Change
VN
Output Noise
Voltage
∆V
IN
Ripple Rejection
∆V
O
ISC
Short Circuit Current
Long Term Stability
RθJC Thermal Resistance
Junction to Case
IO = 1A
VIN = 7.5V
POUT ≤ PMAX 2
VIN = 8V to 15V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 7.5V to 15V
TJ = Over Temp. Range 1
VIN = 8V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 8V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 8V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 7.5V to 15V
TJ = Over Temp. Range 1
f = 10Hz to 100kHz
f = 120Hz
VIN = 8V to 18V
IO = 1A
TJ = Over Temp. Range 1
VIN = 15V
VIN = 7.5V
K Package , V Package
G Package , T Package
SG Package
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP123A / IP123 / LM123
TJ =
0 to +125°C for IP323A
All other specifications apply at TJ = 25°C unless otherwise stated.
2) PMAX = 30W for K–Pack (TO–3) , V–Pack (TO–218) and G–Pack (TO–257) Packages.
PMAX = 25W for T–Pack (TO–220) Package.
PMAX = 15W for SG–Pack (TO–220SM) Package.
3) All characteristics are measured with a capacitor across the input of 0.22
µF and a capacitor across the output of 0.1µF.
4) All characteristics except noise voltage and ripple rejection ratios are measured using pulse techniques (tp ≤ 10ms , δ ≤ 5%).
5) Output voltage changes due to changes into internal temperature must be taken into account separately.
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
IP123A–05
IP123–05
IP323A–05
LM123–05
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units
V
V
mV
mV
mA
mA
mA
µVrms
dB
A
mV
°C/W
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com