Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3041N Datasheet(PDF) 2 Page - eupec GmbH

Part # D3041N
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D3041N Datasheet(HTML) 2 Page - eupec GmbH

  D3041N_05 Datasheet HTML 1Page - eupec GmbH D3041N_05 Datasheet HTML 2Page - eupec GmbH D3041N_05 Datasheet HTML 3Page - eupec GmbH D3041N_05 Datasheet HTML 4Page - eupec GmbH D3041N_05 Datasheet HTML 5Page - eupec GmbH D3041N_05 Datasheet HTML 6Page - eupec GmbH D3041N_05 Datasheet HTML 7Page - eupec GmbH D3041N_05 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Zieldaten
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 3041N
2/8
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrisch e Eig enschaften / Electrical properties
Charakteristische Werte / Characteristic values
Sperr verzögerungsladung
recovered charge
VR = 1000V, Tvj = Tvjmax
C = 1µF, R = 22Ω
iTM = 1000A, -diT/dt = 10 A/µs
Qr
max.
11
mAs
Rückstr oms pitze
peak reverse r ecover y c urrent
VR = 1000V, Tvj = Tvjmax
C = 1µF, R = 22Ω
iTM = 1000A, -diT/dt = 10 A/µs
IRM
max.
300
A
Sperr verzögerungsladung
recovered charge
VR = 100V, Tvj = Tvjmax
C = 1µF, R = 22Ω
iTM = 1000A, -diT/dt = 10 A/µs
Qr
typ.
9
mAs
Rückstr oms pitze
peak reverse r ecover y c urrent
VR = 100V, Tvj = Tvjmax
C = 1µF, R = 22Ω
iTM = 1000A, -diT/dt = 10 A/µs
IRM
typ.
240
A
Thermische Eigenschaften / Th ermal properties
Innerer Wärmewiderstand
thermal resistance, junc tion to c ase
Kühlfläc he / cooling surfac e
beids eitig / two-sided, θ = 180°sin
beids eitig / two-sided, DC
Anode / anode, DC
Kathode / c athode, DC
RthJC
max.
max.
max.
max.
0,00855
0,0075
0,0133
0,0172
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewi derstand
thermal resistance, cas e to heatsi nk
Kühlfläc he / cooling surfac e
beids eitig / two-sided
einseitig / single-sided
RthCH
max.
max.
0,0025
0,005
°C/W
°C/W
Höchstzul ässige Sperrschichttemperatur
maxi mum junction temperature
Tvjmax
160 °C
Betriebs temperatur
operating temperature
Tc op
-40...+160 °C
Lagertemperatur
storage temperature
Tstg
-40...+160 °C
Mechanische Eigen schaften / Mech anical properties
Gehäuse, siehe Anlage
case, s ee annex
Seite 3
page 3
Si-Element mit Druc kkontakt
Si-pellet with press ure contac t
76DNE68
Anpress kraft
clampi ng force
F
36...53
kN
Gewic ht
weight
G
typ.
1200 g
Kriechstrec ke
creepage distance
33 mm
Schwingfestigkeit
vibration r esistanc e
f = 50 Hz
50 m/s²



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com