Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS30R06VE3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS30R06VE3
Description  IGBT-modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS30R06VE3 Datasheet(HTML) 2 Page - eupec GmbH

  FS30R06VE3 Datasheet HTML 1Page - eupec GmbH FS30R06VE3 Datasheet HTML 2Page - eupec GmbH FS30R06VE3 Datasheet HTML 3Page - eupec GmbH FS30R06VE3 Datasheet HTML 4Page - eupec GmbH FS30R06VE3 Datasheet HTML 5Page - eupec GmbH FS30R06VE3 Datasheet HTML 6Page - eupec GmbH FS30R06VE3 Datasheet HTML 7Page - eupec GmbH FS30R06VE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS30R06VE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
#
8
$%& '
()
*::;
.
*
/
"
/)
=
2f
6
7
#
8
"
=
9 '
"
2f:;
.
7
<
8
2g
*: '
*0 9 '
" 0 $%& '
()
*: '
*0 9 '
" 0 $%& '
()
2g
I 0
? 0
7g
7g
Charakteristische Werte / characteristic values
"
" D
/
=
2f ' 6 70 *A, '
*
2f ' 6 70 *A, '
*
2f ' 6 70 *A, '
*
*f
0.
0
0
0
*
*
*
$%& '
()
$%& '
()
$%& '
()
R
"
8
2f ' 6 70
fC
'
7CK
*: ' 6
*
*A, '
*
2:;
0
?0
I0
7
7
7
$%& '
()
$%& '
()
$%& '
()
#
8T
2f ' 6 70
fC
'
7CK
*: ' 6
*
*A, '
*
JS
06
06
01
K)
K)
K)
$%& '
()
$%& '
()
$%& '
()
7
2f ' 6 70
fC
'
7CK
*: ' 6
*
*A, '
*
!SPh
06
0
0.
"[
"[
"[
$%& '
()
$%& '
()
$%& '
()
2
@E " =
"
0 _
/
>Ha+
0
0
C@
b
@E " =
"
0
/
C
c9GF>P '
@CU"^ W C
cdSPGFP '
@CU"^ W
>H+e
0?
C@



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com