Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KS4 Datasheet(PDF) 1 Page - eupec GmbH

Part # FS75R12KS4
Description  IGBT-modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KS4 Datasheet(HTML) 1 Page - eupec GmbH

  FS75R12KS4 Datasheet HTML 1Page - eupec GmbH FS75R12KS4 Datasheet HTML 2Page - eupec GmbH FS75R12KS4 Datasheet HTML 3Page - eupec GmbH FS75R12KS4 Datasheet HTML 4Page - eupec GmbH FS75R12KS4 Datasheet HTML 5Page - eupec GmbH FS75R12KS4 Datasheet HTML 6Page - eupec GmbH FS75R12KS4 Datasheet HTML 7Page - eupec GmbH FS75R12KS4 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Technische Information / technical information
FS75R12KS4
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
!"
#
"
#
$%& ' ()*
+,-.
+
/
#
"
/*
$, ' 0 )*
$, ' ()*
1, 234
1,
0(
5
5
6
7
"
8 '
" 9 $, ' 0 )*
1,:;
(
5
<
" +
#
=
$, ' ()*
6>3>
(
?
<
!"
7
#
#
"
#
+@-.
AB
+
Charakteristische Werte / characteristic values
"
" C
!"
D #
#
#
"
#
1, ' 0( 59 +@- ' ( +9 $%& ' ()*
1, ' 0( 59 +@- ' ( +9 $%& '
()*
+,- EF>
9
9G(
90
+
+
<
=
#
#
#
1, ' 9
"59 +,- ' +@-9 $%& ' ()*
+@->H
I9(
(9(
9(
+
<
#
#
#
+@- '
( +
A ( +
J@
9G
K*
1
<
=
#
$%& ' ()*
@L2>
(9
M
! #
#
7 D
'
N79 $%& ' ()*9 +,- ' ( +9 +@- '
+
*LOE
(9
P
Q
=
#
7 D
'
N79 $%& ' ()*9 +,- ' ( +9 +@- '
+
*ROE
9
P
!"
"
"
+,- '
+9 +@- '
+9 $%& ' ()*
1,-.
(9
"5
<
!"
"
#
"
#
+,- '
+9 +@- '
+9 $%& ' ()*
1@-.
I
5
!
7S#
# 7
T
U
V
" T
V
1, ' 0( 59 +,- '
+
+@- ' W ( +9
@32 ' 09( M9 $%& ' ()*
+@- ' W ( +9
@32 ' 09( M9 $%& '
()*
X 32
9
9
K
K
5
# 7
T
U
V
" T
V
1, ' 0( 59 +,- '
+
+@- ' W ( +9
@32 ' 09( M9 $%& ' ()*
+@- ' W ( +9
@32 ' 09( M9 $%& '
()*
R
9 (
9
K
K
5
7S#
# 7
T
U
V
" T
V
1, ' 0( 59 +,- '
+
+@- ' W ( +9
@3YY ' 09( M9 $%& ' ()*
+@- ' W ( +9
@3YY ' 09( M9 $%& '
()*
X 3YY
9
9
K
K
P
7
T
U
V
" T
V
1, ' 0( 59 +,- '
+
+@- ' W ( +9
@3YY ' 09( M9 $%& ' ()*
+@- ' W ( +9
@3YY ' 09( M9 $%& '
()*
Y
9
9
K
K
!
#
6
#
1, ' 0( 59 +,- '
+9 U. '
N
+@- ' W ( +9
@32 ' 09( M9 $%& ' ()*
+@- ' W ( +9
@32 ' 09( M9 $%& '
()*
!32
Z9
"[
"[
5
#
6
#
1, ' 0( 59 +,- '
+9 U. '
N
+@- ' W ( +9
@3YY ' 09( M9 $%& ' ()*
+@- ' W ( +9
@3YY ' 09( M9 $%& '
()*
!3YY
9G
"[
"[
7
\
*
8 ]
K 9 +@- ] ( +
$%&]
()*9 +,, ' Z
+9 +,-4F^ ' +,-. UE,- _ B
1.,
I(
5
1
?D " =
"
9 `
1<a$
1<a$
>Hb,
9 (
B?


Similar Part No. - FS75R12KS4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS75R12KS4 INFINEON-FS75R12KS4 Datasheet
440Kb / 7P
IGBT-Module
2013-10-02 revision:2.1
More results

Similar Description - FS75R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com