Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5100S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP5100S
Description  5.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP5100S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP5100S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP5100S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SP5100S
VOLTAGE 100 V
5.0 Amp Schottky Barrier Rectifiers
0 -
Mar-20
Rev.
A 
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
1 3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams
MPACKAGE CONFIGURATION
MAXIMUM RATINGS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum Instantaneous Forward Voltage @ 5.0A
VF
0.82
V
TA=25°C
0.3
Maximum DC Reverse Current at Rated DC
Blocking Voltage
TA=100°C
IR
10
mA
Typical Junction Capacitance
CJ
120
pF
Dv/dt
10000
v/us
Typical Thermal Resistance
RθJA
4.0
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Ambient.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.70
15.30
H
3.50
3.90
B
9.50
10.50
J
1.10
1.50
C
13.00 Min
K
0.50
0.90
D
4.30
4.70
L
2.44
2.64
E
2.50
3.10
M
2.50
2.90
F
2.40
2.80
N
φ 3.1
φ 3.4
G
0.30
0.70
ITO-220A
Pin 1
Pin 2


Similar Part No. - SP5100S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP5100S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com