Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP20150R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP20150R
Description  20.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP20150R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP20150R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP20150R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP20150R
VOLTAGE 150 V
20.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
14-Sep-2010 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
M
J
K
L
L
G
F
B
N
D
E
C
H



RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams(Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
TYPE NUMBER
SYMBOL
SP20150R
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRSM
150
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current, See Fig. 1
IF
20
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage
IF=10Amps,
TA=25°C
VF
0.86
V
IF=10Amps,
TA=125°C
0.73
Maximum DC Reverse Current at Rated
DC Blocking Voltage (Note 3)
TA=25°C
IR
0.02
mA
TA=125°C
5
Typical Junction Capacitance (Note 1)
CJ
580
pF
Typical Thermal Resistance (Note 2)
RJC
5.0
°C /W
Operating Temperature Range TJ
TJ
-50~+150
°C
Storage Temperature Range TSTG
TSTG
-50~+150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse Test:Pulse Width = 300
s, Duty Cycle ≦ 2.0%.
ITO-220
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
15.00
15.60
H
3.00
3.80
B
9.50
10.50
J
0.90
1.50
C
12.5Min
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.10
M
2.50
2.90
F
2.40
2.80
N
 3.1
3.4
G
0.30
0.70


Similar Part No. - SP20150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20150R SECOS-SP20150R Datasheet
398Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP20150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBR2045 SECOS-SBR2045_15 Datasheet
242Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com