Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1321P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1321P
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1321P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF1321P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1321P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1321P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1321P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSF1321P
-1.7A, -20V, RDS(on) 0.079Ω
P-Channel MOSFET
Elektronische Bauelemente
17-Jun-2010 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
STATIC CARACTERISTICS
Gate-Threshold Voltage
VGS(th)
-0.4
-
-
V
VDS= VGS, ID = -250μA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS= -16V, VGS= 0V
-
-
-10
VDS= -16V, VGS= 0V, TJ= 55°C
On-State Drain Current
a
ID(on)
-5
-
-
A
VDS= -5V, VGS= -4.5V
Drain-Source On-Resistance
a
RDS(ON)
-
-
79
mΩ
VGS= -4.5V, ID= -1.7A
-
-
110
VGS= -2.5V, ID= -1.5A
Forward Transconductance
a
gFS
-
9
-
S
VDS= -5V, ID= -1.25A
Diode Forward Voltage
VSD
-
-0.65
-
V
IS= -0.46A, VGS= 0V
DYNAMIC CHARACTERISTICS
b
Total Gate Charge
Qg
-
7.2
-
nC
VDS= -10V
VGS= -4.5V
ID= -1.7A
Gate-Source Charge
Qgs
-
1.7
-
Gate-Drain Charge
Qgd
-
1.5
-
Turn-on Delay Time
Td(ON)
-
10
-
nS
VDD= -10V
IL= -1A
VGEN= -4.5V
RG= 6Ω
Rise Time
TR
-
9
-
Turn-off Delay Time
Td(OFF)
-
27
-
Fall Time
TF
-
11
-
Notes:
a.
Pulse test:PW ≦ 300us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Repetitive rating, pulse width limited by junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com