Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1331P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1331P
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1331P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF1331P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1331P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1331P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1331P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF1331P
-1.5A, -30V, RDS(on) 0.112Ω
P-Channel MOSFET
Elektronische Bauelemente
17-Jun-2010 Rev. A
Page 1 of 4
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC converters
and power management in portable and battery-powered
products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOT-323 saves board space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
VDS(V)
RDS(on) (
ID(A)
-30
0.112@VGS= -10V
-1.5
0.172@VGS= -4.5V
-1.2
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDS
-30
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
a
ID @ TA=25°C
-1.5
A
ID @ TA=70°C
-1.2
Pulsed Drain Current
b
IDM
-2.5
A
Continuous Source Current (Diode Conduction)
a
IS
±0.28
A
Power Dissipation
a
PD@ TA=25°C
0.34
W
PD@ TA=70°C
0.22
Operating Junction & Storage Temperature
Range
TJ, TSTG
-55~150
°C
THERMAL RESISTANCE RATINGS
Maximum Thermal Resistance
Junction-Ambient
a
t ≦ 5 sec
RθJA
375
°C / W
Steady-State
430
Note:
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Gate

Source

Drain


Similar Part No. - SSF1331P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF1332E SECOS-SSF1332E Datasheet
606Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SSF1331P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com