Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4224 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4224
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4224 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4224 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
30
0.03
1.0
3.0
100
1
25
14
20
23
6
14
12
8
34
16
1910
400
280
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDD=15V
ID=1A
VGS=10V
RG=3.3
RD=15
Ω
Ω
ID=10A
VDS=24V
VGS=4.5V
VGS=10V, ID=10A
VGS=4.5V, ID=7A
VGS=0V, ID=250uA
VGS= 2 V
± 0
VDS=30V,VGS=0
VDS=24V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
Forward Transconductance
Gfs
S
16
VDS=10V, ID=10A
_
_
_
3070
15
2
2
2
C
o
C
o
C
o
C
o
Gate Resistance
0.9
_
_
Rg
f=1.0MHz
Ω
o
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VDS
_
_
IS=1.7A,VGS=0V.Tj=25 C
24
=10A, VGS=0V.
V
1.2
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
Reverse Recovery Time
Reverse Recovery Charge
_
_
30
_
_
Trr
Qrr
nC
nS
dl/dt=100A/us
2
IS
≦
≦
3.Surface mounted on 1 inch2 copper pad of FR4 board
O
C/W when mounted on min. copper pad.
2
; 135
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
Elektronische Bauelemente
SSG4224
10
A,30V,RDS(ON) 14m
N-Channel Enhancement Mode Power Mos.FET
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com