Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4463P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4463P
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4463P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4463P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4463P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4463P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4463P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4463P
P-Ch Enhancement Mode Power MOSFET
-13.4A, -20V, RDS(ON) 11.5 m
01-May-2011 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize high cell density process. Low RDS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Miniature SOP-8 surface mount package saves
board space.
High power and current handling capability.
APPLICATION
PWMDC-DC converters, power management
in portable and battery-powered products such as
computers, printers, battery charger, telecommunication
power system, and telephones power system.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
TA = 25°C
-13.4
A
Continuous Drain Current
1
TA = 70°C
ID
-8.4
A
Pulsed Drain Current
2
IDM
±50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
TA = 25°C
3.1
W
Total Power Dissipation
1
TA = 70°C
PD
2.0
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Rating
Thermal Resistance Junction-Case (Max.)
1
t ≦ 5 sec
RθJC
25
°C / W
Thermal Resistance Junction-Ambient (Max.)
1
t ≦ 5 sec
RθJA
40
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
A
H
B
M
D
C
J
K
F
L
E
N
G
S
S
S
G
D
D
D
D


Similar Part No. - SSG4463P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4463P SECOS-SSG4463P_15 Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4463P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG9435P SECOS-SSG9435P_15 Datasheet
633Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com