Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSK3018K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSK3018K
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSK3018K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSK3018K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSK3018K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSK3018K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSK3018K
100mA, 30V
N-Channel MOSFET
10-Jan-2010 Rev. A
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
2 SOURCE
3 DRAIN
GATE
*Gate
Protection
Diode
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Low on-resistance
Fast switching speed
Low voltage drive (2.5V) makes this device ideal for portable equipment
Easily designed drive circuits
Easy to parallel
FEATURES
Simple drive requirement
Small package outline
DEVICE MARKING: KN
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDS
30
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
ID
100
mA
Pulsed Drain Current (tp≦10
µS)
IDM
400
mA
Power Dissipation *
PD
200
mW
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Note: With each pin mounted on the recommended lands.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
STATIC CARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS=0V, ID =10
µA
Gate-Threshold Voltage
VGS(TH)
0.8
-
1.5
V
VDS= 3V, ID =100
µA
Gate-Source Leakage Current
IGSS
-
-
±1.0
µA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
1.0
µA
VDS=30V, VGS=0V
-
5.0
8.0
VGS=4V, ID=10mA
Static Drain-Source On-Resistance
RDS(ON)
-
7.0
13
VGS=2.5V, ID=1mA
Forward Transconductance
gFS
20
-
-
ms
VDS=3V, ID=10mA
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
-
13
-
Output Capacitance
COSS
-
9
-
Reverse Transfer Capacitance
CRSS
-
4
-
pF
VDS=5V
VGS=0V
f=1MHz
SWITCHING CHARACTERISTICS
Turn-on Delay Time
Td(ON)
-
15
-
Rise Time
TR
-
35
-
Turn-off Delay Time
Td(OFF)
-
80
-
Fall Time
TR
-
80
-
nS
VGS=5V
I D=10mA
RL=500
RG=10
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - SSK3018K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSK3018K VBSEMI-SSK3018K Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSK3018K SECOS-SSK3018K_15 Datasheet
287Kb / 2P
N-Channel MOSFET
More results

Similar Description - SSK3018K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com