Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP7150N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7150N
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7150N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7150N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7150N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7150N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7150N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSP7150N
3.6A, 150V, RDS(ON) 255 m
N-Channel Enhancement MOSFET
Elektronische Bauelemente
07-Apr-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250μA
Gate-Body Leakage
IGSS
-
-
±
10
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS=120V, VGS=0
-
-
10
VDS=120V, VGS=0,TJ=55°C
On-State Drain Current
1
ID(ON)
10
-
-
A
VDS=5V, VGS=10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
255
mΩ
VGS=10V, ID=2.9A
-
-
290
VGS=4.5V, ID=2.7A
Forward Transconductance
1
gFS
-
10
-
S
VDS=15V,,ID=2.9A
Diode Forward Voltage
VSD
-
0.76
-
V
IS=3.1A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
10.8
-
nC
ID=2.9A
VDS=75V
VGS=4.5V
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Charge
Qgd
-
5.6
-
Turn-On Delay Time
Td(ON)
-
10.1
-
nS
ID=2.9A, VDD=75V
VGEN=10V
RL=25.9Ω, RGEN=6Ω
Rise Time
Tr
-
10
-
Turn-Off Delay Time
Td(OFF)
-
50
-
Fall Time
Tf
-
22
-
Input Capacitance
Ciss
-
848
-
pF
VDS=15V, VGS=0, f=1MHz
Output Capacitance
Coss
-
69
-
Reverse Transfer Capacitance
Crss
-
29
-
Notes:
1.
Pulse test:PW≦300μs duty cycle≦2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com