Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3520C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3520C
Description  N & P-Channel Enhancement Mode Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3520C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3520C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3520C Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STT3520C
N-Ch: 3.7 A, 23 V, RDS(ON) 58 m
P-Ch: -2.7 A, -23 V, RDS(ON) 112 m
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
02-Dec-2010 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize high cell density
process. Low RDS(on) assures minimal power loss and conserves
energy, making this device ideal for use in power management
circuitry. Typical applications are DC-DC converters, power
management in portable and battery-powered products such
as computers, printers, PCMCIA cards, cellular and cordless
telephones.
FEATURES
Low RDS(on) Provides Higher Efficiency And Extends
Battery Life.
Miniature TSOP-6 Surface Mount Package Saves
Board Space.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS(TA=25℃ UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
N-Channel
P-Channel
Drain-Source Voltage
VDS
23
-23
V
Gate-Source Voltage
VGS
±12
±12
V
Continuous Drain Current
1
ID @TA=25℃
ID @TA=70℃
3.7
-2.7
A
2.9
-2.1
Pulsed Drain Current
2
IDM
8
-8
A
Continuous Source Current (Diode Conduction)
1
IS
1.05
-1.05
A
Power Dissipation
1
PD @TA=25℃
1.15
W
PD @TA=70℃
0.7
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
G1
S2
G2
D1
S1
D2
6
1
3
2
5
4


Similar Part No. - STT3520C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3520C VBSEMI-STT3520C Datasheet
613Kb / 10P
N- and P-Channel20 V (D-S) MOSFET
More results

Similar Description - STT3520C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
N & P-Channel Enhancement Mode Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C_15 Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C_15 Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com