Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L811HW-R47MF-11 Datasheet(PDF) 1 Page - Superworld Electronics

Part # L811HW-R47MF-11
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L811HW-R47MF-11 Datasheet(HTML) 1 Page - Superworld Electronics

  L811HW-R47MF-11 Datasheet HTML 1Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 2Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 3Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 4Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 5Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 6Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 7Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 8Page - Superworld Electronics L811HW-R47MF-11 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L 8 1 1 H W - 1 R 0 M F -
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Type code
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
10.5 Max.
A'
A
B'
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core
(b) Wire
(c) Terminal
a
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : RoHS Compliant
5. FEATURES :
b) Frequency up to 5MHz
a) Shielded Construction
L811HW SERIES
b
c
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
30.08.2010
PCB Pattern
G
10.0±0.5
BC'
C
4.2 Max.
4.0 Max.
D
C'
C
A'
SWORLD
R36
A
2.2±0.5
D
2.9±0.5
5.4 Ref.
4.5 Ref.
12.4 Ref.
EG
H
L
Unit:m/m
L
11.8 Max.
10.2±0.5
HIGH CURRENT MOLDED POWER INDUCTORS
(f)
(f) 11 ~ 99 : Internal controlled number


Similar Part No. - L811HW-R47MF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L811HW-R47MF SUPERWORLD-L811HW-R47MF Datasheet
581Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L811HW-R47MF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW Datasheet
557Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com