Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL1308M Datasheet(PDF) 1 Page - Superworld Electronics

Part # SSL1308M
Description  HIGH CURRENT POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1308M Datasheet(HTML) 1 Page - Superworld Electronics

  SSL1308M Datasheet HTML 1Page - Superworld Electronics SSL1308M Datasheet HTML 2Page - Superworld Electronics SSL1308M Datasheet HTML 3Page - Superworld Electronics SSL1308M Datasheet HTML 4Page - Superworld Electronics SSL1308M Datasheet HTML 5Page - Superworld Electronics SSL1308M Datasheet HTML 6Page - Superworld Electronics SSL1308M Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 1
08.04.2011
C
2. CONFIGURATION & DIMENSIONS :
8.0 Max.
d) Part temperature (ambient + temp. rise) : Should not exceed 125° C under worst case operating conditions.
c) Isat (A) : Will cause L to drop approximately 20%
a) Operating temp. : -40° C to +125° C
b) Irms (A) : Will cause coil temp. to rise approximately T=40°C without core loss.
E
13.46 Max. 12.95 Max.
0
4. GENERAL SPECIFICATION :
3. SCHEMATIC :
AB
A
0939.32
R21
7.62± 0.25
7.11± 0.25
3.18± 0.25
5.08± 0.25 2.54± 0.25
G
H
G
E
DH
G
PCB Pattern
I
Unit:m/m
S S L 1 3 0 8 M - R 2 1 M F - R 3 2
HIGH CURRENT POWER INDUCTORS
(f)
(a)
(d)
(b)
(c)
(e)
1. PART NO. EXPRESSION :
(e) Tolerance code : M = ± 20%
(f) F : RoHS Compliant
(g)
(c) Material code
(d) Inductance code
(g) DCR code
(b) Dimension code
(a) Series code
SSL1308M SERIES


Similar Part No. - SSL1308M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL13 TSC-SSL13 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL13 TSC-SSL13 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL13 MIC-SSL13 Datasheet
95Kb / 8P
SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL13 TSC-SSL13 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL13 TSC-SSL13 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL1308M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com