Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F587 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91F587
Description  32-bit Motor Control MCU for Electric (EV) and Hybrid Electric Vehicles (HEV)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F587 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91F587 Datasheet HTML 1Page - fujitsu semiconductor MB91F587 Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUjitSU SEMiCONDUCtOR AMERiCA, iNC.
Corporate Headquarters
1250 E. Arques Avenue, M/S 333, Sunnyvale, CA 94085-5401
Tel: (800) 866-8608 Fax: (408) 737-5999
E-mail: FSA_inquiry@us.fujitsu.com | Website: http://us.fujitsu.com/semi
©2011 Fujitsu Semiconductor America, Inc.
All company and product names are trademarks or registered
trademarks of their respective owners.
Printed in the U.S.A. MCU-FS-21405-05/2011
8
Product
Flash
RAM
Work Flash
MB91F585
576kB
48kB
64kB
MB91F587
108.8kB
96kB
64kB
Product Lineup
0Key Features0
Main processor
• FR81S core
• Single precision FPU
• 128MHz CPU frequency
• 8ch DMA
Motor control features
• Integrated RDC
• RDC excitation signal waveform generation
• 12ch motor timing waveform generator
• Quadrature encoder
Connectivity
• 3ch CAN / 64Msg buffers
• 5ch multifunctional serial (LIN, SPI, I2C, UART)
• FlexRay™ interface (A+B)
Functional safety features
• MPU
• ECC for all memory types
• Watchdog
• Low voltage detector for internal/external power supply
• Clock supervisor
• CPU diagnostic
• Bus diagnostic
• RAM diagnostic
• NMI
• 16/32-bit CRC generator
0 Development tools 0
Development tools, including debuggers, evaluation boards,
starter kits and compilers, are available to support the Fujitsu
MB91580 series.
2 x UDC
2 x DAC
8-bit
Main
Oscillator
Sub-clock
Oscillator
PLLs
SSCG PLL
RC
Oscillator
OCD
TCON
VRAM
LCDC
SMC
Sound
Video
Input
Graphics
Controller
FPU
PWR Mgmt
MPU
RAM
Watchdog
ECC
Flash & RAM
Clock
Supervisor
Flash
Flash Security
Work Flash
64kb
3 x ADC x 8ch
12-bit
8 x IRQ
ext.
Diagnostic
Fuctions
24 x ADC
10-bit
Pin
Relocation
LVD
NMI
8 x DMA
CRC
8 x ICU
16-bit
24 x PPG
16-bit
6 x FRT
16-bit
4 x RLT
16-bit
12 x OCU
16-bit
RTC
Waveform
Generator
RDC
2 X Base Timer
RS
Media LB
Ethernet
FlexRay
4 x UN USART
3 x CAN
64msg
5 x Multi Func.
Serial
Ext. BUS VF
22A / 16D
FR81S
128MHz
4.5 TO 5.5V
-40 to + 125˚C
144 pin
MB91580 Series Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com