Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP1502SXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2DP1502SXI
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502SXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2DP1502SXI Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 9Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 10Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 11Page - Cypress Semiconductor CY2DP1502SXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 8 of 13
Ordering Information
Ordering Code Definition
Part Number
Type
Production Flow
Pb-free
CY2DP1502SXC
8-Pin SOIC
Commercial, 0 °C to 70 °C
CY2DP1502SXCT
8-Pin SOIC tape and reel
Commercial, 0 °C to 70 °C
CY2DP1502SXI
8-Pin SOIC
Industrial, –40 °C to 85 °C
CY2DP1502SXIT
8-Pin SOIC tape and reel
Industrial, –40 °C to 85 °C
CY2DP1502ZXC
8-Pin TSSOP
Commercial, 0 °C to 70 °C
CY2DP1502ZXCT
8-Pin TSSOP tape and reel
Commercial, 0 °C to 70 °C
CY2DP1502ZXI
8-Pin TSSOP
Industrial, –40 °C to 85 °C
CY2DP1502ZXIT
8-Pin TSSOP tape and reel
Industrial, –40 °C to 85 °C
CY
Base part number
2DP15 02
Number of differential output pairs
Company ID: CY = Cypress
SX/ZX
Pb-free packages
SX: SOIC
ZX: TSSOP
Temperature range
C = Commercial
I = Industrial
C/I T
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com