Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP22ZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2XP22ZXC
Description  Crystal to LVPECL Clock Generator One LVPECL output pair
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP22ZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2XP22ZXC Datasheet HTML 2Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 3Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 4Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 5Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 6Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 7Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 8Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 9Page - Cypress Semiconductor CY2XP22ZXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY2XP22
Document #: 001-10229 Rev. *F
Page 9 of 10
Document History Page
Document Title: CY2XP22 Crystal to LVPECL Clock Generator
Document Number: 001-10229
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
506262
RGL
See ECN
New Data Sheet
*A
838060
RGL
See ECN
Changed status from Advance to Preliminary
*B
2700242
KVM/PYRS
04/30/2009
Reformatted
Revised phase noise values
Replaced VCC with VDD; VEE with VSS; updated pin names
Removed pull-up resistor on F_SEL
Corrected temperature range, added industrial temperature range
Increased IDD from 120 / 100 mA to 150 / 140 mA
Added CINX parameter, revised CIN parameter
Revised LVPECL output specs
Added thermal resistance information
Changed VIL, VIH, IIL & IIH specs
Revised suggested crystal load capacitor values
*C
2718898
WWZ
06/15/09
Minor ECN to post data sheet to external web
*D
2767298
KVM
09/22/09
Add IDD spec for unterminated outputs
Change parameter name for IDD (terminated outputs) from IDD to IDDT
Remove IDD footnote about externally dissipated current
Add footnote reference to CIN and CINX:not 100% tested
Add max limit for TR, TF: 1.0 ns
Change TLOCK max from 10 ms to 5 ms
Split out parameter TLFS from TLOCK
*E
2896121
KVM
03/19/2010
Updated Package Diagram (Figure 11)
*F
3219081
04/07/2011
BASH
Changed status from preliminary to final.
Template and style updates as per current Cypress standards.
Added ordering code definitions, acronyms, and units of measure.
Updated package diagram to *C.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com