Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC Datasheet(PDF) 3 Page - HolyStone International

Part # HSC
Description  High Temperature and Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HSC Datasheet(HTML) 3 Page - HolyStone International

  HSC Datasheet HTML 1Page - HolyStone International HSC Datasheet HTML 2Page - HolyStone International HSC Datasheet HTML 3Page - HolyStone International HSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HSC Series-Stacked Capacitors
Holy Stone
Capacitance Range
-3 -
1A
124
114
983
843
285
225
205
584
2A
244
224
194
164
565
445
405
115
3A
364
334
294
254
845
665
605
175
4A
484
444
394
334
116
886
805
235
5A
604
554
494
424
146
116
106
295
1B
184
174
154
134
455
355
325
964
2B
364
344
304
264
905
705
645
195
3B
544
514
454
394
136
106
965
285
4B
724
684
604
524
186
146
126
385
5B
904
854
754
654
226
176
166
485
1C
354
324
304
244
845
655
595
175
2C
704
644
604
484
166
136
116
345
3C
105
964
904
724
256
196
176
515
4C
145
125
125
964
336
266
236
685
5C
175
165
155
125
426
326
296
855
1D
654
604
554
454
156
116
106
325
2D
135
125
115
904
306
226
206
645
3D
195
185
165
135
456
336
306
965
4D
265
245
225
185
606
446
406
126
5D
325
305
275
225
756
556
506
166
1E
654
604
554
454
166
126
116
345
2E
135
125
115
904
326
246
226
685
3E
195
185
165
135
486
366
336
106
4E
265
245
225
185
646
486
446
136
5E
325
305
275
225
806
606
556
176
1F
774
714
654
564
186
146
136
405
2F
155
145
135
115
366
286
266
805
3F
235
215
195
165
546
426
396
126
4F
305
285
265
225
726
566
526
166
5F
385
355
325
285
906
706
656
206
1G
145
135
125
984
316
246
226
675
2G
285
265
245
195
626
486
446
136
3G
425
395
365
295
936
726
666
206
4G
566
435
485
395
127
966
886
266
5G
705
655
605
495
157
127
117
336
1H
185
165
155
125
446
346
306
925
2H
365
325
305
245
886
686
606
186
3H
545
485
455
365
137
107
906
276
4H
725
645
605
485
177
137
127
366
5H
905
805
755
605
227
177
157
466
1J
454
424
394
324
106
845
705
225
2J
904
844
784
644
206
166
146
445
3J
135
125
115
964
306
256
216
665
4J
185
165
155
125
406
336
286
885
5J
225
215
195
165
506
426
356
116
1K
454
424
394
324
106
845
705
225
2K
904
844
784
644
206
166
146
445
3K
135
125
115
964
306
256
216
665
4K
185
165
155
125
406
336
286
885
5K
225
215
195
165
506
426
356
116
1L
104
923
853
703
235
185
165
464
2L
204
184
174
144
465
365
325
924
3L
304
274
254
214
695
545
485
135
4L
404
364
344
284
925
725
645
185
5L
504
464
424
354
116
905
805
235
200V
500V
NPO Maximum Capacitanc
X8R Maximum Capacitance
50V
100V
500V
Size
Code
50V
100V
200V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com