Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCC Datasheet(PDF) 2 Page - HolyStone International

Part # LCC
Description  Large Size NP0 & X7R MLCC Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

LCC Datasheet(HTML) 2 Page - HolyStone International

  LCC Datasheet HTML 1Page - HolyStone International LCC Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 Dimensions
 Capacitance Range
TYPE
L
W
T (max)
B (min)
BW (min)
1515
3.80
±0.50
[.15
±.020]
3.80
±0.50
[.15
±.020]
3.20
[.126]
1.60
[.059]
0.30
[.012]
2520
6.35
±0.50
[.25
±.020]
5.00
±0.50
[.20
±.020]
3.20
[.126]
4.00
[.157]
0.30
[.012]
3530
8.90
±0.50
[.35
±.020]
7.60
±0.50
[.30
±.020]
5.00
[.200]
5.50
[.217]
0.30
[.012]
3640
9.20
±0.50
[.36
±.020]
10.2
±0.50
[.40
±.020]
5.00
[.200]
6.00
[.236]
0.30
[.012]
4540
11.5
±0.50
[.45
±.020]
10.2
±0.50
[.40
±.020]
5.00
[.200]
7.50
[.295]
0.30
[.012]
5550
14.0
±0.50
[.55
±.020]
12.7
±0.50
[.50
±.020]
5.00
[.200]
9.00
[.354]
0.30
[.012]
6560
16.5
±0.50
[.65
±.020]
15.3
±0.50
[.60
±.020]
5.00
[.200]
11.50
[.453]
0.30
[.012]
7565
19.0
±0.50
[.750
±.020]
16.5
±0.50
[.65
±.020]
5.00
[.200]
14.00
[.551]
0.30
[.012]
Unit : mm [inches]
All values are capacitance EIA codes.
Other dimensions, capacitance values and voltage ratings are available. Please contact HEC.
LCC Series-Large Size Multilayer Ceramic Chip Capacitors
50V
100V
200V
500V
1KV
2KV
3KV
4KV
5KV
8KV
NPO
473
393
363
103
222
821
X7R
225
105
474
124
473
682
NPO
823
683
563
473
103
392
222
102
471
X7R
475
225
474
224
473
153
472
222
102
NPO
154
134
104
823
253
103
472
332
102
471
X7R
106
475
225
824
224
473
183
822
472
102
NPO
224
184
124
104
373
153
562
362
122
561
X7R
126
565
225
105
274
683
273
153
103
182
NPO
284
244
184
154
483
203
962
472
152
621
X7R
156
685
225
125
394
104
393
223
153
392
NPO
364
304
224
184
683
273
153
562
182
681
X7R
186
825
275
225
474
124
823
333
223
562
NPO
654
484
404
304
104
423
223
682
332
821
X7R
226
186
106
335
105
224
104
563
333
103
NPO
844
674
504
474
134
553
283
103
472
102
X7R
336
226
186
475
125
364
154
823
473
153
6560
7565
Capacitance maximum
3530
3640
4540
5550
2520
1515
Dielectric
Size
W
T
BW
B
L
*Soldering and handling precautions:
Large ceramic capacitors are more prone to thermal and mechanical cracks. To minimize mechanical cracks, capacitors have to be
handled carefully in the original waffle pack container, carrier tape or other suitable container. Care must be taken that ceramic chips do
not come into contact with one another causing chip outs, cracks or other mechanical damage.
The recommended method for soldering large chips is reflow soldering. Wave soldering and manual soldering are not recommended.
Ceramic capacitors should be preheated to within 50
°C of the peak soldering temperature and then use a maximum 2°C/second ramp
rate for both heating and cooling. A sudden increase or decrease in temperature during soldering may cause internal thermal cracks.
Available Options:
• HEC offers flexible termination (Super Term) for very large chips to minimize mechanical cracks due to board flexing.
• To minimize the potential for surface arcing in higher voltage applications, HEC offers the option of a proprietary surface coating.
• Pure tin terminated / ROHS compliant products are offered as standard, however, lead (Pb) content plated termination is also available.
• Pd/Ag termination is also available as an option for hybrid circuits and other applications.
- 31 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com