Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCP Datasheet(PDF) 2 Page - HolyStone International

Part # TMCP
Description  TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCP Datasheet(HTML) 2 Page - HolyStone International

  TMCP Datasheet HTML 1Page - HolyStone International TMCP Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
142
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
Standard product table - TMCP series
②Simplified code of rated voltage (A : 10V)
(Example 1) 6.3V1
µF
A6
①Anode indication belt mark
②Simplified code of nominal capacitance
 (A6 : 1
µF)
(Example 2) 10V1
µF
AA
③Simplified code of nominal capacitance
  (A : 1
µF)
①Anode indication belt mark
∗When the capacitance code is the same, use the voltage code
for the higher rated voltage.
∗When indicating both rated voltage and nominal capacitance by
code, omit the multiplier of the capacitance code.
①
① ②③
②
Marking indication
Standard product tables - TMCP series
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V. DC
µF
µA
code
2.5
15
0.08
0.5
P
TMCP0E156
22
0.10
0.6
P
TMCP0E226
33
0.20
0.8
P
TMCP0E336
47
0.30
11.8
P
TMCP0E476
415
0.08
0.6
P
TMCP0G156
22
0.10
0.9
P
TMCP0G226
33
0.30
13.2
P
TMCP0G336
47
0.30
18.8
P
TMCP0G476
6.3
4.7
0.08
0.5
P
TMCP0J475
6.8
0.08
0.5
P
TMCP0J685
10
0.08
0.7
P
TMCP0J106
15
0.12
1.9
P
TMCP0J156
22
0.30
13.9
P
TMCP0J226
10
1.5
0.08
0.5
P
TMCP1A155
2.2
0.08
0.5
P
TMCP1A225
3.3
0.08
0.5
P
TMCP1A335
4.7
0.08
0.5
P
TMCP1A475
6.8
0.20
6.8
P
TMCP1A685
10
0.20
10.0
P
TMCP1A106
16
1.0
0.06
0.5
P
TMCP1C105
1.5
0.08
0.5
P
TMCP1C155
2.2
0.08
0.5
P
TMCP1C225
3.3
0.08
0.6
P
TMCP1C335
4.7
0.08
0.8
P
TMCP1C475
20
0.1
0.06
0.5
P
TMCP1D104
0.15
0.06
0.5
P
TMCP1D154
0.22
0.06
0.5
P
TMCP1D224
0.33
0.06
0.5
P
TMCP1D334
0.47
0.06
0.5
P
TMCP1D474
0.68
0.06
0.5
P
TMCP1D684
1.0
0.08
0.5
P
TMCP1D105
1.5
0.08
0.5
P
TMCP1D155
2.2
0.08
0.5
P
TMCP1D225
25
0.1
0.06
0.5
P
TMCP1E104
0.47
0.06
0.5
P
TMCP1E474
1.0
0.06
0.5
P
TMCP1E105



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com