Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD52R070NB Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # GD52R070NB
Description  2-Electrode 5.5T6 mm Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GD52R070NB Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  GD52R070NB Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GD52R070NB Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GD52R070NB Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GD52R070NB Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd GD52R070NB Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Gas Discharge Tube:
:
:
:GD5 Series
2-Electrode Φ5.5*T6 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Features
1. RoHS compliant
2. Rugged ceramic-metal construction
3. Available with or without leads
4. DC spark-over voltage: 70~3600V
5. Low capacitance
6. Agency recognition: UL/cUL
Recommended Applications
1. Data transmission lines
2. Communication lines
3. CATV system
4. Power distribution system
5. Power supplier
6. Test equipment
7. Instrumentation circuits
Part Number Code
G
D
5
2
R
0
7
0
N
B
1
2
3
4
5
6
7
8
9
10
11
12
13
Product Code
G
THINKING Gas
Discharge Tube
Type Series (size)
D5
Φ5.5*T6
Electrode Number
2R
2 Electrodes
DC Spark-over
Voltage
070
70V
230
230V
600
600V
14B
1400V
25B
2500V
Lead Wire Style
N
No Lead
A
Axial Lead
Packaging
B
Bulk
T
Ammo
Taping
R
Reel
Taping
Internal Control
Code


Similar Part No. - GD52R070NB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD50 AVX-GD50 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
GD50 AVX-GD50 Datasheet
107Kb / 1P
Microwave SLCs
logo
Relpol S.A.
GD50 RELPOL-GD50 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
GTM CORPORATION
GD500SD GTM-GD500SD Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GD500SD ETL-GD500SD Datasheet
145Kb / 2P
The GD500SD is designed for low power rectification and high reliability.
More results

Similar Description - GD52R070NB

ManufacturerPart #DatasheetDescription
logo
EPCOS
A81-A230X EPCOS-A81-A230X Datasheet
19Kb / 2P
2-Electrode-Arrester
A60-A230XF EPCOS-A60-A230XF Datasheet
81Kb / 2P
2-Electrode-Arrester
A71-H16X EPCOS-A71-H16X Datasheet
81Kb / 2P
2-Electrode-Arrester
logo
Thinking Electronic Ind...
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
3-Electrode 8.0T10 mm Type
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
3-Electrode 6.08.0 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
GD82R070NBH THINKING-GD82R070NBH Datasheet
147Kb / 5P
2-Electrode 8.0T6 mm High Surge
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
SMD 2-Electrode 6.2T4.2 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
SMD 3-Electrode 57.2 mm Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com