Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS Datasheet(PDF) 2 Page - HolyStone International

Part # TMCS
Description  TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCS Datasheet(HTML) 2 Page - HolyStone International

  TMCS Datasheet HTML 1Page - HolyStone International TMCS Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
137
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V.DC
µF
µA
code
4
3.3
0.06
0.5
A
TMCSA0G335
10
0.06
0.5
B
TMCSB0G106
33
0.06
1.3
C
TMCSC0G336
68
0.06
2.7
E
TMCSE0G686
7
2.2
0.06
0.5
A
TMCSA0J225
6.8
0.06
0.5
B
TMCSB0J685
22
0.06
1.5
C
TMCSC0J226
47
0.06
3.3
E
TMCSE0J476
10
1.5
0.06
0.5
A
TMCSA1A155
4.7
0.06
0.5
B
TMCSB1A475
15
0.06
1.5
C
TMCSC1A156
33
0.06
3.3
E
TMCSE1A336
16
1.0
0.04
0.5
A
TMCSA1C105
3.3
0.06
0.5
B
TMCSB1C335
10
0.06
1.6
C
TMCSC1C106
22
0.06
3.5
E
TMCSE1C226
20
0.68
0.04
0.5
A
TMCSA1D684
2.2
0.06
0.5
B
TMCSB1D225
6.8
0.06
1.4
C
TMCSC1D685
15
0.06
3.0
E
TMCSE1D156
25
0.47
0.04
0.5
A
TMCSA1E474
1.5
0.06
0.5
B
TMCSB1E155
4.7
0.06
1.2
C
TMCSC1E475
10
0.06
2.5
E
TMCSE1E106
35
0.1
0.04
0.5
A
TMCSA1V104
0.15
0.04
0.5
A
TMCSA1V154
0.22
0.04
0.5
A
TMCSA1V224
0.33
0.04
0.5
A
TMCSA1V334
0.47
0.04
0.5
B
TMCSB1V474
0.68
0.04
0.5
B
TMCSB1V684
1.0
0.04
0.5
B
TMCSB1V105
1.5
0.06
0.5
C
TMCSC1V155
2.2
0.06
0.8
C
TMCSC1V225
3.3
0.06
1.2
C
TMCSC1V335
4.7
0.06
1.6
E
TMCSE1V475
6.8
0.06
2.4
E
TMCSE1V685
Standard product table - TMCS series
Standard product tables - TMCS series
Marking indication TMCS series
A7A
①Anode indication belt mark
③Lot indication (A:for manufacturing in January, 2009)
②Simplified code of nominal capacitance (A7 : 10
µF)
①Anode indication belt mark
③Rated voltage (16V)
②Nominal capacitance Volue (10
µF)
10
16A
④Lot indication (A:for manufacturing in January, 2009)
① ②④
②③
123456789
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com