Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPD08100QP9B2 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100QP9B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100QP9B2 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08100QP9B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2008.04
48VAC/ 120℃
℃
℃
℃
48VAC/ 140℃
℃
℃
℃
63VAC/ 120℃
℃
℃
℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL04420□A248
42
105
210
48
0.75
6.5
5.0
0.6
10.5
√
√
PPL04600□A248
60
90
180
48
0.6
6.5
5.0
0.6
10.5
√
√
PPL04900□A248
90
70
140
48
0.46
6.5
5.0
0.6
10.5
√
√
PPL06220□A248
22
155
310
48
1.3
8.0
5.0
0.6
11.5
√
√
PPL06320□A248
32
130
260
48
0.95
8.0
5.0
0.6
11.5
√
√
PPL08180□A248
18
195
390
48
1.6
10
5.0
0.6
13.5
√
√
PPL10120□A248
12
230
460
48
2.2
12
5.0
0.6
15.5
√
√
PPL126R5□A248
6.5
350
700
48
4.0
14
5.0
0.6
17.5
√
√
PPL129R0□A248
9.0
285
570
48
2.9
14
5.0
0.6
17.5
√
√
PPL134R3□A248
4.3
425
850
48
6.3
15
5.0
0.6
18.5
√
√
PPL162R6□A248
2.6
605
1210
48
12
17.5
5.0
0.6
21.5
√
√
PPL163R8□A248
3.8
505
1010
48
7.3
17.5
5.0
0.6
21.5
√
√
PPL201R6□A248
1.6
870
1750
48
18
22
5.0
0.6
25.5
√
√
PPL202R2□A248
120±10
2.2
725
1450
48
14
22
5.0
0.6
25.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL05250□A448
25
130
260
48
1.2
7.0
5.0
0.6
10.5
√
√
PPL05500□A448
140±10
50
94
188
48
0.8
7.0
5.0
0.6
10.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL03510□A263
51
55
165
63
0.7
5.0
4.0
0.5
8.5
√
√
√
√
PPL05240□A263
24
90
270
63
1.0
7.0
4.0
0.6
10.5
√
√
√
√
PPL089R1□A263
9.1
160
480
63
3.0
10
4.0
0.6
13.5
√
√
√
√
PPL095R1□A263
5.1
280
850
63
4.5
11
4.0
0.6
14.5
√
√
√
√
PPL113R6□A263
3.6
320
960
63
5.0
13.5
4.0
0.6
16.5
√
√
√
√
PPL152R4□A263
2.4
460
1400
63
7.5
17.5
4.0
0.6
21.5
√
√
√
√
PPL201R7□A263
120±10
1.7
700
1400
63
10
22
5.0
0.6
25.5
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com