Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML50B30 Datasheet(PDF) 1 Page - Seme LAB

Part # SML50B30
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML50B30 Datasheet(HTML) 1 Page - Seme LAB

  SML50B30 Datasheet HTML 1Page - Seme LAB SML50B30 Datasheet HTML 2Page - Seme LAB SML50B30 Datasheet HTML 3Page - Seme LAB SML50B30 Datasheet HTML 4Page - Seme LAB SML50B30 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SML50B30
8/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.065)
2.13 (0.084)
5.25 (0.215)
BSC
2.87 (0.113)
3.12 (0.123)
TO–247AD Package Outline.
Dimensions in mm (inches)
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
500
30
120
±20
±30
370
2.96
–55 to 150
300
30
30
1300
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 2.89mH, RG = 25W, Peak IL = 30A
VDSS
500V
ID(cont)
30A
RDS(on) 0.170W
W
W
W
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source
• Faster Switching
• Lower Leakage
• 100% Avalanche Tested
• Popular TO–247 Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G


Similar Part No. - SML50B30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SML50B30 ISC-SML50B30 Datasheet
395Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SML50B30

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10B75XX SEME-LAB-SML10B75XX Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J144 SEME-LAB-SML10J144 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J225 SEME-LAB-SML10J225 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120J25 SEME-LAB-SML120J25 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com