Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR05LC Datasheet(PDF) 1 Page - Protek Devices

Part # PSR05LC
Description  500 WATT ultra low capacitance steering diode/TVS array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSR05LC Datasheet(HTML) 1 Page - Protek Devices

  PSR05LC Datasheet HTML 1Page - Protek Devices PSR05LC Datasheet HTML 2Page - Protek Devices PSR05LC Datasheet HTML 3Page - Protek Devices PSR05LC Datasheet HTML 4Page - Protek Devices PSR05LC Datasheet HTML 5Page - Protek Devices PSR05LC Datasheet HTML 6Page - Protek Devices PSR05LC Datasheet HTML 7Page - Protek Devices PSR05LC Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05303.R0 9/10
Page 1
PSR05LC
500 WATT uLTRA LoW CAPACiTAnCe STeeRing diode/TVS ARRAy
deSCRiPTion
The PSR05LC is an ultra low capacitance steering diode TVS array, designed to protect two I/O lines from the effects
of Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The PSR05 provides ESD protection up to 25
kilovolts. The PSR05LC has a peak pulse power rating of 500 Watts for an 8/20µs waveshape.
The low capacitance of the steering diode allows the designer to protect high speed data applications. The small
SOT-143 package, with four leads reduces the internal lead inductance for low overshoot voltage during fast front time
transient events, such as ESD. The PSR05LC meets the IEC 61000-4-2 and IEC 61000-4-4 requirements.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3 (Line-Line)
• Low Clamping Voltage
• Unidirectional Configuration
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protects Two I/O Ports & Power Supply
• Ultra Low Capacitance: 2.5pF Typical - C
J(SD)
• RoHS Compliant
• REACH Compliant
MeChAniCAL ChARACTeRiSTiCS
• Molded JEDEC SOT-143 Package
• Approximate Weight: 9 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLiCATionS
• Ethernet - 10/100/1000 Base T
• USB
• Wireless Communications
• FireWire
SoT-143 PACkAge
Pin ConFiguRATion
3
4
1
2
GND
I/O
REF
I/O


Similar Part No. - PSR05LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05LC PROTEC-PSR05LC_12 Datasheet
607Kb / 8P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PSR05LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05 PROTEC-PSR05_10 Datasheet
735Kb / 9P
500 WATT low capacitance steering diode/TVS array
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_10 Datasheet
805Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
500 WATT low capacitance steering diode/TVS ARRAY
PSR05LC PROTEC-PSR05LC_12 Datasheet
607Kb / 8P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_12 Datasheet
931Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-4A PROTEC-PSRDAXX-4A Datasheet
397Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-6A PROTEC-PSRDAXX-6A Datasheet
397Kb / 6P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com