Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC338 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC338
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC338 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC338 Datasheet HTML 1Page - KEC(Korea Electronics) BC338 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 2. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
BC338
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
High Current : IC=800mA.
DC Current Gain : hFE=100 630 (VCE=1V, Ic=100mA).
For Complementary with PNP type BC328.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. COLLECTOR
2. BASE
3. EMITTER
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
800
mA
Emitter Current
IE
-800
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=25V, IE=0
-
-
100
nA
DC Current Gain (Note)
hFE
VCE=1V, IC=100mA
100
-
630
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.7
V
Base-Emitter Voltage
VBE(ON)
VCE=1V, IC=300mA
-
-
1.2
V
Transition Frequency
fT
VCE=5V, IC=-10mA, f=100MHz
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
12
-
pF
Note : hFE Classification none:100 630,
16:100
250,
25:160
400,
40:250
630


Similar Part No. - BC338

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
Amplifier Transistor
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC338 SIEMENS-BC338 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
General Semiconductor
BC338 GE-BC338 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
More results

Similar Description - BC338

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com