Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29972AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29972AI
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29972AI Datasheet HTML 1Page - Cypress Semiconductor CY29972AI Datasheet HTML 2Page - Cypress Semiconductor CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor CY29972AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 5 of 13
Description
The CY29972 has an integrated PLL that provides low skew and
low jitter clock outputs for high-performance microprocessors.
Three independent banks of four outputs and an independent
PLL feedback output (FB_OUT) provide exceptional flexibility for
possible output configurations. The PLL is ensured stable
operation given that the VCO is configured to run between 200
MHz and 480 MHz. This allows a wide range of output
frequencies up to125 MHz.
The phase detector compares the input reference clock to the
external feedback input. For normal operation, the external
feedback input (FB_IN) is connected to the feedback output
(FB_OUT). The internal VCO is running at multiples of the input
reference clock set by FB_SEL(0:2) and VCO_SEL select inputs
(refer to Frequency Table). The VCO frequency is then divided to
provide the required output frequencies. These dividers are set
by SELA(0,1), SELB(0,1), SELC(0,1) select inputs (see the
following Table). For situations were the VCO needs to run at
relatively low frequencies and hence might not be stable, assert
VCO_SEL low to divide the VCO frequency by 2. This maintains
the desired output relationships but provides an enhanced PLL
lock range.
The CY29972 is also capable of providing inverted output clocks.
When INV_CLK is asserted HIGH, QC2 and QC3 output clocks
are inverted. These clocks could be used as feedback outputs to
the CY29972 or a second PLL device to generate early or late
clocks for a specific design. This inversion does not affect the
output to output skew.
Glitch-Free Output Frequency Transitions
Customarily, when output buffers have their internal counters
changed “on the fly,” their output clock periods will:
1. contain short or “runt” clock periods. These are clock cycles
in which the cycle(s) are shorter in period than either the old
or new frequencies to which the cycles are being transitioned.
2. contain stretched clock periods. These are clock cycles in
which the cycle(s) are longer in period than either the old or
new frequencies to which the cycles are being transitioned.
This device specifically includes logic to guarantee that runt and
stretched clock pulses do not occur if the device logic levels of
any or all of the following pins changed “on the fly” while it is
operating: SELA, SELB, SELC, and VCO_SEL.
VCO_SEL
SELA1
SELA0
QA
SELB1
SELB0
QB
SELC1
SELC0
QC
0
0
0
VCO/8
0
0
VCO/8
0
0
VCO/4
0
0
1
VCO/12
0
1
VCO/12
0
1
VCO/8
0
1
0
VCO/16
1
0
VCO/16
1
0
VCO/12
0
1
1
VCO/24
1
1
VCO/20
1
1
VCO/16
1
0
0
VCO/4
0
0
VCO/4
0
0
VCO/2
1
0
1
VCO/6
0
1
VCO/6
0
1
VCO/4
1
1
0
VCO/8
1
0
VCO/8
1
0
VCO/6
1
1
1
VCO/12
1
1
VCO/10
1
1
VCO/8
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com