Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8229HDZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8229HDZ
Description  1nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HDZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8229HDZ Datasheet HTML 14Page - Analog Devices AD8229HDZ Datasheet HTML 15Page - Analog Devices AD8229HDZ Datasheet HTML 16Page - Analog Devices AD8229HDZ Datasheet HTML 17Page - Analog Devices AD8229HDZ Datasheet HTML 18Page - Analog Devices AD8229HDZ Datasheet HTML 19Page - Analog Devices AD8229HDZ Datasheet HTML 20Page - Analog Devices AD8229HDZ Datasheet HTML 21Page - Analog Devices AD8229HDZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8229
Rev. 0 | Page 18 of 24
For best performance, source impedance to the REF terminal
should be kept well below 1 Ω. As shown in Figure 55, the
reference terminal, REF, is at one end of a 5 kΩ resistor.
Additional impedance at the REF terminal adds to this 5 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be calculated as follows:
2(5 kΩ + RREF)/(10 kΩ + RREF)
Only the positive signal path is amplified; the negative path
is unaffected. This uneven amplification degrades CMRR.
INCORRECT
V
CORRECT
AD8229
OP1177
+
–
V
REF
AD8229
REF
Figure 56. Driving the Reference Pin
INPUT VOLTAGE RANGE
Figure 10 through Figure 15 show the allowable common-mode
input voltage ranges for various output voltages and supply
voltages. The 3-op-amp architecture of the AD8229 applies gain
in the first stage before removing common-mode voltage with
the difference amplifier stage. Internal nodes between the first and
second stages (Node 1 and Node 2 in Figure 55) experience a
combination of a gained signal, a common-mode signal, and a
diode drop. This combined signal can be limited by the voltage
supplies even when the individual input and output signals are
not limited.
LAYOUT
To ensure optimum performance of the AD8229 at the PCB
level, care must be taken in the design of the board layout. The
pins of the AD8229 are arranged in a logical manner to aid in
this task.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8229
Figure 57. Pinout Diagram
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To keep CMRR over
frequency high, the input source impedance and capacitance of
each path should be closely matched. Additional source resis-
tance in the input path (for example, for input protection)
should be placed close to the in-amp inputs, which minimizes
their interaction with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect CMRR
over frequency. If the board design has a component at the gain
setting pins (for example, a switch or jumper), the component
should be chosen so that the parasitic capacitance is as small as
possible.
Power Supplies
A stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect perfor-
mance. See the PSRR performance curves in Figure 19 and
Figure 20 for more information.
A 0.1 µF capacitor should be placed as close as possible to each
supply pin. As shown in Figure 58, a 10 µF tantalum capacitor
can be used farther away from the part. In most cases, it can be
shared by other precision integrated circuits.
AD8229
+VS
+IN
–IN
LOAD
RG
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 58. Supply Decoupling, REF, and Output Referred to Local Ground
Reference Pin
The output voltage of the AD8229 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie REF to the appropriate local ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com