Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDZ2.2EV Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KDZ2.2EV
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2EV Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KDZ2.2EV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2EV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2EV Datasheet HTML 3Page - KEC(Korea Electronics) KDZ2.2EV Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2007. 1. 23
4/4
KDZ2.0EV~36EV
Revision No : 7
IZ - VZ
PD - Ta
0
0
50
100
150
200
2
4
6
8
10
0
50
100
150
200
AMBIENT TEMPERATURE Ta ( C)
* MOUNTED ON A GLASS
EPOXY CIRCUIT BOARD
OF 20
x20mm
PAD DIMENSION
OF 4
x4mm
γ
Z - VZ
ZENER VOLTAGE VZ (V)
ZENER VOLTAGE VZ (V)
13
10
30
-0.12
5
% / C
0.5
0.5
5
5
5mA
0.5mA
5mA
I =0.5mA
Z
-0.08
-0.04
0
0.04
0.08
0.12
-30
-20
-10
0
10
20
30
mV/ C
8
0
4
12 16 20 24 28 30 32 34 36 38



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com