Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDZ2.2V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDZ2.2V
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ2.2V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 3Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 6. 26
1/4
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0V~36V
Rvision No : 12
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : USC
Nominal Voltage Tolerance About
6%.
MAXIMUM RATING (Ta=25
)
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
* Mounted on a glass epoxy circuit board of 20
20
,
pad dimension of 4
4
.
Grade
None
Y
**
Symbol
(Blank)
Grade **
Lot No.
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
KDZ2.0V
2A
KDZ4.3V
43
KDZ9.1V
91
KDZ20V
20
KDZ2.2V
2B
KDZ4.7V
47
KDZ10V
10
KDZ22V
22
KDZ2.4V
2C
KDZ5.1V
51
KDZ11V
11
KDZ24V
24
KDZ2.7V
2D
KDZ5.6V
56
KDZ12V
12
KDZ27V
A1
KDZ3.0V
30
KDZ6.2V
62
KDZ13V
13
KDZ30V
A2
KDZ3.3V
33
KDZ6.8V
68
KDZ15V
15
KDZ33V
A3
KDZ3.6V
36
KDZ7.5V
75
KDZ16V
16
KDZ36V
A4
KDZ3.9V
39
KDZ8.2V
82
KDZ18V
18
-
-


Similar Part No. - KDZ2.2V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ2.2V KEC-KDZ2.2V Datasheet
105Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.2V KEC-KDZ2.2V Datasheet
95Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.2VV KEC-KDZ2.2VV Datasheet
75Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
KDZ2.2VV KEC-KDZ2.2VV Datasheet
376Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDZ2.2V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com