Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA48P Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATMEGA48P
Description  8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA48P_10 Datasheet HTML 29Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 30Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 31Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 32Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 33Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 34Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 35Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 36Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 420 page
background image
33
8025L–AVR–7/10
ATmega48P/88P/168P
8.5
Low Frequency Crystal Oscillator
The Low-frequency Crystal Oscillator is optimized for use with a 32.768 kHz watch crystal.
When selecting crystals, load capasitance and crystal’s Equivalent Series Resistance, ESR
must be taken into consideration. Both values are specified by the crystal vendor.
ATmega48P/88P/168P oscillator is optimized for very low power consumption, and thus when
selecting crystals, see Table 8-7 on page 33 for maximum ESR recommendations on 6.5 pF,
9.0 pF and 12.5 pF crystals
Table 8-7.
Maximum ESR Recommendation for 32.768 kHz Crystal
Note:
1. Maximum ESR is typical value based on characterization
The Low-frequency Crystal Oscillator provides an internal load capacitance of typical 6 pF at
each TOSC pin. The external capacitance (C) needed at each TOSC pin can be calculated by
using:
where CL is the load capacitance for a 32.768 kHz crystal specified by the crystal vendor and C
S
is the total stray capacitance for one TOSC pin.
Crystals specifying load capacitance (CL) higher than 6 pF, require external capacitors applied
as described in Figure 8-2 on page 30.
The Low-frequency Crystal Oscillator must be selected by setting the CKSEL Fuses to “0110” or
“0111”, as shown in Table 8-10. Start-up times are determined by the SUT Fuses as shown in
Table 8-9.
Crystal CL (pF)
Max ESR [k
Ω](1)
6.5
75
9.0
65
12.5
30
Table 8-8.
Capacitance for the Low-frequency Crystal Oscillator
Device
32 kHz Osc.
Type
Cap
(Xtal1/Tosc1)
Cap
(Xtal2/Tosc2)
ATmega48P/88P/169P
System Osc.
18 pF
8 pF
Timer Osc.
18 pF
8 pF
Table 8-9.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT[1:0]
Additional Delay from Reset (V
CC = 5.0V)
Recommended Usage
00
4 CK
Fast rising power or BOD enabled
01
4 CK + 4.1 ms
Slowly rising power
10
4 CK + 65 ms
Stable frequency at start-up
11
Reserved
C
2 CL
⋅
C
s
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com