Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1601H Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS1601H
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601H Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS1601H Datasheet HTML 3Page - Cirrus Logic CS1601H Datasheet HTML 4Page - Cirrus Logic CS1601H Datasheet HTML 5Page - Cirrus Logic CS1601H Datasheet HTML 6Page - Cirrus Logic CS1601H Datasheet HTML 7Page - Cirrus Logic CS1601H Datasheet HTML 8Page - Cirrus Logic CS1601H Datasheet HTML 9Page - Cirrus Logic CS1601H Datasheet HTML 10Page - Cirrus Logic CS1601H Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS1601
DS931PP6
7
4. TYPICAL ELECTRICAL PERFORMANCE
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
-50
0
50
100
150
Temperature (oC)
Figure 3. Supply Current vs. Supply Voltage
Figure 4. Supply Current (ISB, IST, IDD) vs. Temp
Figure 5. UVLO Hysteresis vs. Temp
Figure 6. Turn-on & Turn-off Threshold vs. Temp
Figure 7. Reference Current (Iref) Drift vs. Temp
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
Temperature (oC)
Start-up
fSW(max) = 70kHz
fSW(max) = 100kHz
Operating
0
1
2
3
-40
0
40
80
120
Temperature (OC)
Temperature (OC)
7
7.5
8
8.5
9
9.5
10
10.5
11
-60
-10
40
90
140
Temperature (OC)
Turn On
Turn Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com