Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBSD1-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VBSD1-SIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD1-SIP Datasheet(HTML) 2 Page - CUI INC

  VBSD1-SIP Datasheet HTML 1Page - CUI INC VBSD1-SIP Datasheet HTML 2Page - CUI INC VBSD1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
2 of 3
10/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBSD1-SIP Series
GENERAL SPECIFICATIONS
parameter
conditions/description
output short circuit protection
1 second max.
temperature rise at full load
15°C typ., 25°C max.
cooling
free air convection
operating temp. range
-40°C ~ +85°C
storage temp. range
-55°C ~ +125°C
reflow soldering temp.
300°C (1.5mm from case for 10 seconds)
storage humidity range
≤95%
case material
plastic (UL94-V0)
safety
approved to UL60950-1 (E222736)
MTBF
>3,500,000 hours
burn-in
full load at +85°C, for 4 hours at no-load and 4 hours at full load.
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
flash tested for 1 minute
1000
V dc
isolation resistance
test at 500 V dc
1000
M
Ω
OUTLINE DIMENSIONS & RECOMMENDED LAYOUT PATTERN
Pin
1
2
3
4
-Vin
+Vin
-Vout
+ Vout
12 3 4
12 34
Side View
Bottom View
(0.1)
+0.15
0
Note: All Pins on a 2.54mm(0.1) pitch; All Pin diameters are 0.50 mm(0.02);
Tolerances: ±0.25mm(0.01); Unit: mm(inch).
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com