Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3687V Datasheet(PDF) 7 Page - Fuji Electric

Part # FA3687V
Description  FUJI Power Supply Controllc
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3687V Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA3687V Datasheet HTML 3Page - Fuji Electric FA3687V Datasheet HTML 4Page - Fuji Electric FA3687V Datasheet HTML 5Page - Fuji Electric FA3687V Datasheet HTML 6Page - Fuji Electric FA3687V Datasheet HTML 7Page - Fuji Electric FA3687V Datasheet HTML 8Page - Fuji Electric FA3687V Datasheet HTML 9Page - Fuji Electric FA3687V Datasheet HTML 10Page - Fuji Electric FA3687V Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
                                                       
7
Quality is our message
Quality is our message
Quality is our message
Quality is our message
FA3687V
FA3687V
FA3687V
FA3687V
(3) Electrical characteristics
* The characteristics is based on the condition of VCC=3.3V, CREG=1.0μF, RT=12kΩ, Ta=+25℃, unless
otherwise specified.
(1) Regulated voltage for internal control blocks (VREG pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Regulated voltage
VREG
2.178
2.200
2.222
V
Line regulation
VREG_LINE
VCC=2.5 to 18V
―±5
±15
mV
Load regulation
VREG_LOAD IREG=0 to 1mA
-5
-1
mV
Variation with temperature
VREG_TC
Ta=-30 to +85℃±0.5
%
(2) Oscillator section (RT pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Oscillation frequency
fOSC
435
500
565
kHz
Line regulation
fOSC_LINE
VCC=2.5 to 18V
―±1
±5
%
Variation with temperature
fOSC_TC1
Ta=-30 to +85℃±3
%
(3)
Error Amplifier section (IN1-・FB1・IN2-・IN2+・FB2 pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Reference voltage (ch.1)
VREF1
※3
0.99
1.00
1.01
V
VREF1 Line regulation (ch.1)
VREF_LINE
VCC=2.5 to 18V
―±2
±5
mV
VREF1Variation
with temperature (ch.1)
VREF_TC1
Ta=-30 to +85℃±0.5
%
Input offset voltage (ch.2)
VOFFSET
VIN2+=1.0V,IN2+・IN2-
――
±10
mV
VOFFSET Line regulation (ch.2)
VOFF_LINE
VCC=2.5~18V
0
mV
Input bias current
IIN-
VINx-=0.0 to 2.5V
0.0
mA
Common mode input voltage
VCOM
IN2+・IN2-
0.7
1.5
V
Open loop gain
AVO
70
dB
Unity gain bandwidth
fT
1.5
MHz
Output current (sink)
ISIFB
VFB1=0.5V,VIN1-=VREG
VFB2=0.5V,VIN2-=VREG,VIN2+=1V
2.3
3.5
4.7
mA
Output current (source)
ISOFB
VFB1=VREG-0.5V,VIN1-=0V
VFB2=VREG-0.5V,VIN2-=0V,VIN2+=1V
-360
-270
-180
μA
* 3: The FB1 voltage is measured under the condition that IN1- pin and FB1 pin are shorted. The input offset voltage of
the error amplifier is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com