Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5612P Datasheet(PDF) 7 Page - Fuji Electric

Part # FA5612P
Description  FUJI Power Supply Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5612P Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA5612P Datasheet HTML 3Page - Fuji Electric FA5612P Datasheet HTML 4Page - Fuji Electric FA5612P Datasheet HTML 5Page - Fuji Electric FA5612P Datasheet HTML 6Page - Fuji Electric FA5612P Datasheet HTML 7Page - Fuji Electric FA5612P Datasheet HTML 8Page - Fuji Electric FA5612P Datasheet HTML 9Page - Fuji Electric FA5612P Datasheet HTML 10Page - Fuji Electric FA5612P Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
.0.08AN-049J Rev.1.0
AN-054E Rev.1.2
Apr.-2011
7
FA5612, FA5613
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(2) Recommended Operating Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
10
18
26
V
VDET pin input voltage
Vvdet
0
-
2.4
V
VDET pin peak input voltage
Vpvdet
0.54
-
2.4
V
IS pin voltage
Vis
- 1.0
-
0.5
V
IS pin connection noise filter resistance
Risf
-
-
100
Ω
Ambiance temperature in operation
Ta
-40
-
105
℃
Item
Symbol
Resistance
Accuracy
Temperature
characteristics
Frequency diffusion
Rg1
4.7kΩ
±5%
200ppm/°C
12kΩ
±2%
200ppm/°C
65kHz fixed
Rg2
13kΩ
±5%
200ppm/°C
Frequency setting
resistance *2
60kHz fixed
Rg3
27kΩ
±5%
200ppm/°C
*2) For connection in Fig.2, Ro range: 0 to 100Ω
Fig.1 IS pin-connected filter resistance
Fig.2 Frequency setting resistance
Driver
Rg
OUT
7
Ro
8
VCC
6
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com