Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V751DB40 Datasheet(PDF) 3 Page - Littelfuse

Part # V751DB40
Description  Industrial High Energy Terminal Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751DB40 Datasheet(HTML) 3 Page - Littelfuse

  V751DB40 Datasheet HTML 1Page - Littelfuse V751DB40 Datasheet HTML 2Page - Littelfuse V751DB40 Datasheet HTML 3Page - Littelfuse V751DB40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Varistor Products
Revision: October 29, 2009
©2009 Littelfuse, Inc.
DA/DB Varistor Series
Industrial High Energy Terminal Varistors > DA/DB Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/da or /db.html for current information.
Repetitive Surge Capability
Maximum Clamping Voltage
V131DA40 - V751DA40 and V131DB40 - V751DB40
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-2
10-1
100
101
102
103
104
105
MAXIMUM CLAMPING VOLTAGE
DISC SIZE 40mm
130 TO 750 VM(AC) RATING
TA = -55oC to 85oC
V421DA/DB40
V151DA/DB40
V751DA/DB40
PEAK AMPERES (A)
V131DA/DB40
V321DA/DB40
V271DA/DB40
V251DA/DB40
V511DA/DB40
V481DA/DB40
V571DA/DB40
V661DA/DB40
2,000
Operating/Storage
Temperature
-55°C to +85°C/ -55°C to
+125°C
Humidity Aging
+85°C, 85% RH, 1000 hours
+/- 5% typical resistance
change
Thermal Shock
+85°C to -40°C 10 times
+/- 5% typical resistance
change
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Sensitivity
Level 1, J–STD–020C
Lead Material
DA - Copper, Tin–plated
DB - Brass, Tin–plated
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements.
Device Labeling
Marked with LF, part number and date
code
Physical Specifications
Environmental Specifications
NOTE: If pulse ratings are exceeded, a shift of V
N(DC) (at specified current) of more than
+/-10% could result. This type of shift, which normally results in a decrease of V
N(DC), may
result in the device not meeting the original published specifications, but it does not
prevent the device from continuing to function, and to provide ample protection.
V131DA40 - V751DA40 and V131DB40 - V751DB40
Figure 3
Figure 4
DISC SIZE 40mm
V131DA40 - V751DA40
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION (μs)
V131DB40 - V751DB40
2
1
INDEFINITE
104
103
102
105
106
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com