Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA200 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC24F04KA200
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC24F04KA200 Datasheet HTML 14Page - Microchip Technology PIC24F04KA200 Datasheet HTML 15Page - Microchip Technology PIC24F04KA200 Datasheet HTML 16Page - Microchip Technology PIC24F04KA200 Datasheet HTML 17Page - Microchip Technology PIC24F04KA200 Datasheet HTML 18Page - Microchip Technology PIC24F04KA200 Datasheet HTML 19Page - Microchip Technology PIC24F04KA200 Datasheet HTML 20Page - Microchip Technology PIC24F04KA200 Datasheet HTML 21Page - Microchip Technology PIC24F04KA200 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PIC24FXXKA2XX
DS39991A-page 18
 2010 Microchip Technology Inc.
3.8
Reading Code Memory
To read the code memory, execute a series of TBLRD
instructions and clock out the data using the REGOUT
command.
Table 3-9 provides the ICSP programming details for
reading code memory. In Step 1, the Reset vector is
exited. In Step 2, the 24-bit starting source address for
reading is loaded into the TBLPAG register and the W6
register. The upper byte of the starting source address
is stored in TBLPAG, and the lower 16 bits of the source
address are stored in W6.
To minimize the reading time, the packed instruction
word format, which was used for writing, is also used
for reading (see Figure 3-7). In Step 3, the Write
Pointer, W7, is initialized. In Step 4, two instruction
words are read from code memory, and clocked out of
the device through the VISI register, using the REGOUT
command. Step 4 is repeated until the required amount
of code memory is read.
TABLE 3-9:
SERIAL INSTRUCTION EXECUTION FOR READING CODE MEMORY
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit Reset vector.
0000
0000
0000
000000
040200
000000
NOP
GOTO
0x200
NOP
Step 2: Initialize TBLPAG and the Read Pointer (W6) for TBLRD instruction.
0000
0000
0000
200xx0
880190
2xxxx6
MOV
#<SourceAddress23:16>, W0
MOV
W0, TBLPAG
MOV
#<SourceAddress15:0>, W6
Step 3: Initialize the Write Pointer (W7) to point to the VISI register.
0000
0000
207847
000000
MOV
#VISI, W7
NOP
Step 4: Read and clock out the contents of the next two locations of code memory through the VISI register using
the REGOUT command.
0000
0000
0000
0001
0000
0000
0000
0000
0000
0000
0000
0001
0000
0000
0000
0000
0001
0000
BA1B96
000000
000000
<VISI>
000000
BADBB6
000000
000000
BAD3D6
000000
000000
<VISI>
000000
BA0BB6
000000
000000
<VISI>
000000
TBLRDL
[W6], [W7]
NOP
NOP
Clock out contents of VISI register.
NOP
TBLRDH
[W6++], [W7]
NOP
NOP
TBLRDH.B
[++W6], [W7--]
NOP
NOP
Clock out contents of VISI register.
NOP
TBLRDL
[W6++], [W7]
NOP
NOP
Clock out contents of VISI register.
NOP
Step 5: Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP
Step 6: Repeat Steps 4 and 5 until the required code memory is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com