Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA201 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 17Page - Microchip Technology PIC24F04KA201 Datasheet HTML 18Page - Microchip Technology PIC24F04KA201 Datasheet HTML 19Page - Microchip Technology PIC24F04KA201 Datasheet HTML 20Page - Microchip Technology PIC24F04KA201 Datasheet HTML 21Page - Microchip Technology PIC24F04KA201 Datasheet HTML 22Page - Microchip Technology PIC24F04KA201 Datasheet HTML 23Page - Microchip Technology PIC24F04KA201 Datasheet HTML 24Page - Microchip Technology PIC24F04KA201 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 21
3.12
Verifying Code Memory, Data
EEPROM Memory and
Configuration Registers
To verify the code memory, read the code memory
space and compare it with the copy held in the
programmer’s buffer. To verify the data EEPROM and
Configuration registers, follow the similar procedure.
Figure 3-10 illustrates the verify process flowchart.
Memory reads occur 1 byte at a time, hence 2 bytes
must be read to compare with the word in the
programmer’s buffer. Refer to Section 3.9 “Reading
Code Memory” for implementation details of reading
code memory. On the same lines, the data EEPROM
and Configuration registers can be verified.
FIGURE 3-10:
VERIFY CODE MEMORY
FLOW
3.13
Reading the Application ID Word
The Application ID Word is stored in address 8005BEh
in the executive code memory. To read this memory
location, use the SIX control code to move this program
memory location to the VISI register. Then, the
REGOUT control code must be used to clock the
contents of the VISI register out of the device.
Table 3-12 provides the corresponding control and
instruction codes that must be serially transmitted to
the device to perform this operation.
After the programmer has clocked out the Application
ID Word, it must be inspected. If the Application ID has
the value, BBh, the programming executive resides in
the memory and the device can be programmed using
the mechanism described in Section 4.0 “Device
Programming – Enhanced ICSP”. However, if the
Application ID has any other value, the programming
executive does not reside in the memory; it must be
loaded
to
memory
before
the
device
can
be
programmed.
Section 5.4
“Programming
the
Programming Executive to Memory” describes the
procedure for loading the programming executive to
memory.
3.14
Exiting ICSP Mode
Exit the Program/Verify mode by removing VIH from
MCLR/VPP as illustrated in Figure 3-11. The only
requirement to exit is that an interval of P16 should
elapse between the last clock and program signals on
PGCx and PGDx before removing VIH.
FIGURE 3-11:
EXITING ICSP™ MODE
Note:
Code
memory
should
be
verified
immediately after writing if code protection
is enabled. Since Configuration registers
include the device code protection bit, the
device will not be readable or verifiable if a
device Reset occurs after the code-protect
bits are set (value = 0).
Read Low Byte
Read High Byte
Does
Word = Expect
Data?
All
code memory
verified?
No
Yes
No
Set TBLPTR = 0
Start
Yes
End
with Post-Increment
with Post-Increment
Failure
Report Error
MCLR/VPP
P16
PGDx
PGD = Input
PGCx
VDD
VIH/VIHH
VIH
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com