Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS862C08 Datasheet(PDF) 1 Page - Fuji Electric

Part # MS862C08
Description  Low IR Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS862C08 Datasheet(HTML) 1 Page - Fuji Electric

  MS862C08 Datasheet HTML 1Page - Fuji Electric MS862C08 Datasheet HTML 2Page - Fuji Electric MS862C08 Datasheet HTML 3Page - Fuji Electric MS862C08 Datasheet HTML 4Page - Fuji Electric MS862C08 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
MS862C08 (80V, 10A)
Low IR Schottky Barrier Diode
Features
• Low IR
• Low VF
• Center tap connection
Applications
• High frequency operation
• DC-DC converters
• AC adapter
Maximum Ratings and Characteristics
Maximum ratings (at Ta=25˚C Unless otherwise specified)
Item
Symbols
Conditions
Ratings
Units
Repetitive peak reverse voltage
VRRM
80
V
Average output current
IO
Square wave duty =1/2
Tc =115˚C
10 *
A
Non-repetitive surge current **
IFSM
Sine wave, 10ms 1shot
125
A
Operating junction temperature
Tj
150
˚C
Storage temperature
Tstg
-40 to +150
˚C
*Out put current of center tap full wave connection.
**Rating per element
Electrical characteristics (at Ta=25˚C Unless otherwise specified)
Item
Symbols
Conditions
Maximum
Units
Forward voltage***
VF
IF = 5 A
0.76
V
Reverse current***
IR
VR =VRRM
150
µA
Thermal resistance
Rth(j-c)
Junction to case
3
˚C/W
***Rating per element
Outline Drawings [mm]
Connection diagram
TFP
http://www.fujisemi.com
FUJI Diode
Mechanical characteristics
Item
Conditions
Ratings
Units
Approximate mass
0.8
g


Similar Part No. - MS862C08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MS860 MCC-MS860 Datasheet
88Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MS860 CHENYI-MS860 Datasheet
56Kb / 3P
8Amp schottky barrier rectifier 20to100 volts
logo
TE Connectivity Ltd
MS8607 TEC-MS8607 Datasheet
179Kb / 4P
Digital Pressure and Humidity Sensor
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
More results

Similar Description - MS862C08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
Low IR Schottky Barrier Diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
Low IR Schottky barrier diode
TS865C06R FUJI-TS865C06R Datasheet
132Kb / 3P
Low IR Schottky barrier diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YA862C06R FUJI-YA862C06R Datasheet
127Kb / 3P
Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
Low IR Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com