Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5035BASV Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5035BASV
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035BASV Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5035BASV Datasheet HTML 1Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 2Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 3Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 4Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 5Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 6Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 7Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 8Page - Maxim Integrated Products MAX5035BASV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5035 easy-to-use, high-efficiency, high-volt-
age, step-down DC-DC converter operates from an
input voltage up to 76V and consumes only 270µA qui-
escent current at no load. This pulse-width modulated
(PWM) converter operates at a fixed 125kHz switching
frequency at heavy loads, and automatically switches
to pulse-skipping mode to provide low quiescent cur-
rent and high efficiency at light loads. The MAX5035
includes internal frequency compensation simplifying
circuit implementation. The device uses an internal low-
on-resistance, high-voltage, DMOS transistor to obtain
high efficiency and reduce overall system cost. This
device includes undervoltage lockout, cycle-by-cycle
current limit, hiccup mode output short-circuit protec-
tion, and thermal shutdown.
The MAX5035 delivers up to 1A output current. The out-
put current may be limited by the maximum power dis-
sipation capability of the package. External shutdown is
included, featuring 10µA (typ) shutdown current. The
MAX5035A/B/C versions have fixed output voltages of
3.3V, 5V, and 12V, respectively, while the MAX5035D/E
versions have an adjustable output voltage from 1.25V
to 13.2V.
The MAX5035 is available in space-saving 8-pin SO
and 8-pin plastic DIP packages and operates over the
automotive (-40°C to +125°C) temperature range.
Applications
Automotive
Consumer Electronics
Industrial
Distributed Power
Features
o Wide 7.5V to 76V Input Voltage Range
o Fixed (3.3V, 5V, 12V) and Adjustable
(1.25V to 13.2V) Versions
o 1A Output Current
o Efficiency Up to 94%
o Internal 0.4Ω High-Side DMOS FET
o 270µA Quiescent Current at No Load, 10µA
Shutdown Current
o Internal Frequency Compensation
o Fixed 125kHz Switching Frequency
o Thermal Shutdown and Short-Circuit Current
Limit
o 8-Pin SO and PDIP Packages
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2988; Rev 5; 5/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5035AUSA
0°C to +85°C
8 SO
MAX5035AUPA
0°C to +85°C
8 PDIP
MAX5035AASA
-40°C to +125°C 8 SO
MAX5035AASA/V+
-40°C to +125°C 8 SO
3.3
MAX5035BUSA
0°C to +85°C
8 SO
MAX5035BUPA
0°C to +85°C
8 PDIP
MAX5035BASA
-40°C to +125°C 8 SO
MAX5035BASA/V+
-40°C to +125°C 8 SO
5.0
1
2
3
4
BST
VD
SGND
FB
8
7
6
5
LX
TOP VIEW
VIN
GND
ON/OFF
MAX5035
SO/PDIP
Pin Configuration
MAX5035
GND
BST
LX
VIN
SGND
FB
D1
50SQ100
VD
100
µH
VOUT
5V
VIN
7.5V TO 76V
68
µF
0.1
µF
0.1
µF
68
µF
ON
OFF
R1
R2
ON/OFF
Typical Operating Circuit
/V denotes an automotive qualified part.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX5035BASV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035BASA MAXIM-MAX5035BASA Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035BASA/V+ MAXIM-MAX5035BASA/V+ Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
More results

Similar Description - MAX5035BASV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
High Efficiency 76V, 1A Step-Down Converter
logo
Maxim Integrated Produc...
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com