Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC4077 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4077
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4077 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4077 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4077 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 8. 29
2/2
KTC4077
Revision No : 3
10
100
10k
1k
100
10
1k
10k
100k
COMMON EMITTER
V
=6V
f=1kHz
CE
NF=1dB
NF=1dB
2
3
4
6
8
10
12
C
g
NF - R , I
COLLECTOR CURRENT I
(
µA)
C
Ta=-25 C
Ta=25 C
Ta=100 C
COLLECTOR CURRENT I
(mA)
0.3
10
50
30
100
1
500
300
1k
COMMON EMITTER
100
V
=6V
310
CE
30
C
400
h
- I
FE
C
1
500
100
30
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
h PARAMETER - V CE
10
3
3
10
30
100
300
COMMON EMITTER
I =-1mA
f=270Hz
Ta=25 C
E
h fe
ie
h
re
h
oe
h
(
xkΩ)
(
x10 )
(
xµ )
-5
C
- V
CB
COLLECTOR-BASE VOLTAGE V
(V)
0
1
ob
CB
10
20
30
40
50
60
70
80
3
5
10
30
50
f=1MHz
I =0
Ta=25 C
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com